Part Number Hot Search : 
53120 DMR14A P202K T04CO T04CO AK8855 KBP304G VQ100
Product Description
Full Text Search
 

To Download 124-105111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.white-rodgers.com 20 relays and transformers type 124 single pole normally open, or single pole double throw contacts. dust resistant and endcaps are isolated from bracket specifications dimensions, 24-05 ,- 4 ,- 7  . . . . 3.56 l x 3. 3 w x 2.9 h dimensions, 24-305 ,-34  . . . . . . . . . . 4.69 l x 3. 3 w x 2.9 h weight , 24-05 ,- 4 ,- 7  . . . . . . . . . .  6.0 oz. weight , 24-305 ,-34  . . . . . . . . . . . . . . . . .  9.0 oz. temperature range . . . . . . . . . . . . . . . . . . . . . . -40 to +49f terminations, contacts . . . . . . . . . . . . . . . . . . . . 5 / 6 -24 unf-2a thread terminations, coil . . . . . . . . . . . . . . . . . . . . . . . . # 0-32 unf-2a thread recommended mounting . . . . . . . . . . . . . . . . . . . . . . . vertical plane with coil terminals up hardware torque, contact terminal . . . . . . . . . . . . . . . 60 in. lbs. max. hardware torque, coil terminal . . . . . . . . . . . . . . . . . .  2-8 in. lbs. caution : a back-up wrench must be used to hold the bottom nut stationary. type 124 coil coil contact rating (amps) C inductive load model duty terminal bracket voltage resistance contact voltage normally open normally closed number cycle type ? style d.c. (ohms) ? material d.c. continuous inrush continuous inrush 124-105111 continuous 4 standard 2 3.2 silver alloy  2 00 400 C C 124-114111 continuous 4 standard 24 53.0 silver alloy 24 00 400 C C 124-314111 continuous 6 standard 24 53.0 silver alloy 24 00 400 50 00 124-117111 continuous 4 standard 36 20.0 silver alloy 36 00 400 C C 124-317111 continuous 6 standard 36 20.0 silver alloy 36 00 400 50 00 ? 4 = isolated coil, spno 6 = isolated coil, spdt ? coil resistance in ohms @ 25c ? inrush current: current applied within the frst 1/2 second of contact closure type 586 single pole normally open, or single pole double throw contacts. water resistant and case is isolated from bracket specifications dimensions, 586- 4 ,- 7  . . . . . . . . . . . 3.69 l x 3.30 w x 2.90 h dimensions, 586-37  . . . . . . . . . . . . . . . . . 4.6 l x 3.30 w x 2.90 h weight , 586- 4 ,- 7  . . . . . . . . . . . . . . . . . 24.0 oz. weight , 586-37  . . . . . . . . . . . . . . . . . . . . . . . . . 26.0 oz. temperature range . . . . . . . . . . . . . . . . . . . . . . -40 to +49f terminations, contacts . . . . . . . . . . . . . . . . . . . . 5 / 6 -24 unf-2a thread terminations, coil . . . . . . . . . . . . . . . . . . . . . . . . # 0-32 unf-2a thread recommended mounting . . . . . . . . . . . . . . . . . . . . . . . vertical plane with coil terminals up hardware torque, contact terminal . . . . . . . . . . . . . . . 60 in. lbs. max. hardware torque, coil terminal . . . . . . . . . . . . . . . . . .  2-8 in. lbs. type 586 spno coil coil contact rating (amps) C inductive load model duty terminal bracket voltage resistance contact voltage normally open normally closed number cycle type ? style d.c. (ohms) ? material d.c. continuous inrush ? continuous inrush ? 586-105111 continuous 4 standard 2 2.0 silver alloy  2 200 600 C C 586-108111 ? continuous 4 standard 5 32.8 silver alloy  5 200 600 C C 586-114111 continuous 4 standard 24 84.0 silver alloy 24 200 600 C C 586-117111 continuous 4 standard 36 89.0 silver alloy 36 200 600 C C 586-120111 continuous 4 standard 48 336.0 silver alloy 36 200 600 C C 586-314111 continuous 6 standard 24 84.0 silver alloy 24 200 600 00 200 586-317111 continuous 6 standard 36 20.0 silver alloy 36 200 600 00 200 ? 4 = isolated coil, spno 6 = isolated coil, spdt ? coil resistance in ohms @ 25c ? inrush current: current applied within the frst 1/2 second of contact closure ? ideal for 2v charging systems note : caution must be used in coil selection for use in 2 volt sytems where battery charging may expose coil to continuous, higher-than-rated voltage. 5 volt coils are recommended. white-rodgers will not be responsible for consequences of misap - plied solenoids. dc power contactors spno/spdt


▲Up To Search▲   

 
Price & Availability of 124-105111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X